PART |
Description |
Maker |
2SC3832 |
Silicon NPN Transistor Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose) Silicon NPN Triple Diffused Planar Transistor(High Voltage And High Speed Switching Transistor)(硅NPN三倍扩散平面晶体管(高压和高速开关晶体管
|
Sanken Electric Co.,Ltd.
|
2SC4418 |
Silicon NPN Triple Diffused Planar Transistor(High Voltage And High Speed Switching Transistor)(硅NPN三倍扩散平面晶体管(高压和高速开关晶体管 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
BC817-16W Q62702-C2320 Q62702-C2323 Q62702-C2324 Q |
RES FIX, 324 OHM.125W 1% SMDA 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For general AF applications High collector current High current gain) 500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SC5011 2SC5011-T1 2SC5011-T2 2SC5011-T1-T2 |
NPN epitaxial-type silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
|
NEC[NEC] NEC Corp.
|
2N6339 2N6340 |
High-Power NPN Silicon Transistor(25A200W20V(集电极-发射极),硅NPN大功率晶体管) 25 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-204AA High-Power NPN Silicon Transistor(25A00W40V(集电极-发射极),硅NPN大功率晶体管) 25 A, 140 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
CMLT5551HC |
SURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR From old datasheet system High Current NPN Transistor in the SOT-563 package
|
Central Semiconductor Corporation
|
FZT1049A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Zetex Semiconductors
|
MCH4020-TL-H MCH402012 ENA1280A ENA1280 |
RF Transistor, 8V, 150mA, fT=16GHz, NPN Single MCPH4 NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
|
ON Semiconductor Sanyo Semicon Device
|
RQG1004UPAQL RQG1004UP-TL-E |
35 mA, 3.5 V, NPN, SiGe, SMALL SIGNAL TRANSISTOR 1.40 X 0.80 MM, 0.55 MM HEIGHT, MFPAK-4 NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
|
Renesas Electronics, Corp. RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|